PART |
Description |
Maker |
XF0063-AD6 |
ADSL Inductor
|
XFMRS Inc.
|
XF0033-AD4 |
ADSL Inductor
|
XFMRS Inc.
|
MF601BE |
Product type: micro filter. System application: micro filter for ADSL CPE side.
|
YCL
|
LQG15HS10NJ02D LQG15HS12NJ02D LQG15HS22NJ02D LQG15 |
INDUCTOR 10NH 300MA 0402 1 ELEMENT, 0.01 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 12NH 300MA 0402 1 ELEMENT, 0.012 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 22NH 300MA 0402 1 ELEMENT, 0.022 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 2.2NH 300MA 0402 1 ELEMENT, 0.0022 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 3.3NH 300MA 0402 1 ELEMENT, 0.0033 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 3.9NH 300MA 0402 1 ELEMENT, 0.0039 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 47NH 200MA 0402 1 ELEMENT, 0.047 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 5.6NH 300MA 0402 1 ELEMENT, 0.0056 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size) INDUCTOR 27NH 300MA 0402 Chip Inductor (Chip Coil) for High Frequency Multilayer Type Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size)
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD Murata Manufacturing Co...
|
AD-2066 |
ADSL MICRO FILTER
|
Bothhand USA, LP.
|
CD4049UBT 5962R9663601TXC 5962R9663601TEC CD4049UB |
INDUCTOR, AXIAL, 15UH; Inductor type:High Frequency / RF; Inductance:15uH; Tolerance, inductance: /-10%; Resistance:0.6R; Current, DC max:610mA; Frequency, resonant:20MHz; Case style:Axial; Q factor:60; Material, core:Ferrite; RoHS Compliant: Yes CMOS Hex Buffer/Converter
|
Intersil Corporation
|
B78421A1639A0031 B78421A1639A003 |
ADSL low pass filter
|
EPCOS
|
MF600SWI |
Mirco Filter For ADSL CPE Side
|
List of Unclassifed Manufacturers YCL ETC[ETC] Electronic Theatre Controls, Inc.
|
0802-1000-32 |
ISDN / ADSL CO Splitter Filter TELECOM TRANSFORMER
|
Bel Fuse, Inc. Bel Fuse Inc.
|
B2039A B2039AJ1 B2039AJ2 B2039AJ3 B2039A-J3 B2039A |
ADSL POTS LOW PASS FILTER FOR CUSTOMER PREMISES
|
Pulse A Technitrol Company
|
ELEMD6R8JA ELEMD6R8KA ELEXH220KA ELEKN390JA ELEXHR |
1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR AXIAL LEADED 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.82 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 560 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 56 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4700 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 390 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 82 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.2 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1800 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 120 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3900 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 68 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5600 uH, GENERAL PURPOSE INDUCTOR
|
Panasonic, Corp. PANASONIC CORP
|
B8004 |
ADSL CPE In-Line Phone Filter - DSL Rocket (3/01) ADSL终端在固定电话过滤器-的DSL火箭 / 01
|
Harwin PLC
|
|